Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW CQAR-MUNQ-HPJR-1 Datasheet (PDF) - ams-OSRAM AG

LUW CQAR-MUNQ-HPJR-1 Datasheet PDF - ams-OSRAM AG
Part # LUW CQAR-MUNQ-HPJR-1
Download  LUW CQAR-MUNQ-HPJR-1 Download
File Size   2432.56 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square

LUW CQAR-MUNQ-HPJR-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LUW CQAR-MUNQ-HPJR-1 Datasheet PDF - ams-OSRAM AG

Part # LUW CQAR-MUNQ-HPJR-1
Download  LUW CQAR-MUNQ-HPJR-1 Click to download

File Size   2432.56 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square

LUW CQAR-MUNQ-HPJR-1 Datasheet (HTML) - ams-OSRAM AG


LUW CQAR-MUNQ-HPJR-1 Product details

Features:
• Package: SMT ceramic package with silicone resin
and silicone lens
• Viewing angle at 50 % IV: 120°
• Color: 5700 K - 6500 K (streetwhite)
• CRI: typ. 70
• Luminous Flux: typ. 289 lm
• Luminous efficacy: typ. 135 lm/W
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available
Applications
• Industrial lighting
• Marker lights (e.g. steps, exit ways, etc.)
• Outdoor lighting
• Street and tunnel lighting




Similar Part No. - LUW CQAR-MUNQ-HPJR-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LUW CQAR-NQNS-MCML-1 AMSOSRAM-LUW CQAR-NQNS-MCML-1 Datasheet
2Mb / 24P
OSLON® Square
2018-05-10
LUW CQAR-NRNT-MMMW-1 AMSOSRAM-LUW CQAR-NRNT-MMMW-1 Datasheet
2Mb / 24P
OSLON® Square
2018-05-10
More results


Similar Description - LUW CQAR-MUNQ-HPJR-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com